Part Number Hot Search : 
1N6839LL 400AA 1001C 2012H IRLML250 ST110056 E28F320 1001C
Product Description
Full Text Search
 

To Download ZMZ20M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZMZ20M
MAGNETIC FIELD SENSORS
DESCRIPTION
The ZMZ20M is an extremely sensitive magnetic field sensor in a 4 pin E-line package employing the magneto-resistive effects of thin film Permalloy. It allows the measurement of magnetic fields or the detection of metallic parts. The sensor consists of a chip covered with Permalloy stripes which form a Wheatstone bridge, whose output voltage is proportional to the magnetic field component Hy. A perpendicular field Hx is necessary to suppress the hysteresis and this is provided by an internal permanent magnet.
Hy Hx
FEATURES
* Output voltage proportional to magnetic field Hy * Magnetic fields vertical to the chip level are not
effective
E-LINE
APPLICATIONS
* Linear position sensors for process control, door
interlocks, proximity detectors, machine tool sensing
* Scalar measurement for compassing * Automotive - door switches, engine position and
speed sensing
* Metering of fluids by sensing rotation of impeller * Traffic counting & vehicle-type sensing * Measurement of current in a conductor without
connection
ORDERING INFORMATION
DEVICE ZMZ20M BOX Bulk in box (2,000 components per box)
PINOUT
DEVICE MARKING
* M2M
SIDE VIEW
ISSUE 2 - MARCH 2004 1
SEMICONDUCTORS
ZMZ20M
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply voltage Total power dissipation Operating temperature range SYMBOL VB P TOT T amb LIMIT 12 120 -25 to +125 UNIT V mW C
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated)
PARAMETER Bridge resistance Output voltage range Auxiliary field Disturbing field Open circuit sensitivity Hysteresis of output voltage Offset voltage Operating frequency Temperature coefficient of offset voltages Temperature coefficient of bridge resistance Temperature coefficient of open circuit sensitivity V B =5V SYMBOL R br V O /V B Hx Hd S V OH /V B V off /V B f max TCV off TCR br TCS V MIN. 1.2 12 3.0 -1.5 0 -3 0.25 -0.25 TYP. 1.7 18 2.5 5.0 0.3 -0.3 MAX. 2.2 24 30 7.0 50 +1.5 1 +3 0.35 -0.35 UNIT k mV/V kA/m kA/m (mV/V)/(kA/m) No disturbing field H d allowed V/V mV/V MHz (V/V)/K %/K %/K T amb = -25 to +125C T amb = -25 to +125C T amb = -25 to +125C Hy 2kA/m CONDITIONS
ISSUE 2 - MARCH 2004
SEMICONDUCTORS
2
ZMZ20M
Vo(mV/V) 15 10 5 0 -5 -10 -15 -6 -5 -4 -3
Sensor output characteristic ZMZ20M Vo=f(Hy)typ.
-2
-1
0 Hy(kA/m)
1
2
3
4
5
6
VB(V) 14.000 12.000 10.000 8.000 6.000 4.000 2.000 0.000 -50
Supply voltage (maximum) derating curve ZMZ20M Vbmax =f(T amb )
0
50 Tamb (C )
100
150
200
ISSUE 2 - MARCH 2004 3
SEMICONDUCTORS
ZMZ20M
PACKAGE OUTLINE
D R
EA B G G G H C
F B1 L
B
Controlling dimensions are in millimeters. Approximate conversions are given in inches
PACKAGE DIMENSIONS
Millimeters DIM Min A B B1 C D E F G 0.8 0.35 0.45 4.0 3.8 2.4 1.2 1.25 Max 1.0 0.48 0.60 4.4 4.2 2.8 Min 0.032 0.014 0.018 0.158 0.150 0.094 0.047 0.049 Max 0.039 0.019 0.024 0.173 0.165 0.110 Inches
(c) Zetex plc 2004
Europe Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 europe.sales@zetex.com Americas Zetex Inc 700 Veterans Memorial Hwy Hauppauge, NY 11788 USA Telephone: (1) 631 360 2222 Fax: (1) 631 360 8222 usa.sales@zetex.com Asia Pacific Zetex (Asia) Ltd 3701-04 Metroplaza Tower 1 Hing Fong Road, Kwai Fong Hong Kong Telephone: (852) 26100 611 Fax: (852) 24250 494 asia.sales@zetex.com Corporate Headquaters Zetex plc Fields New Road, Chadderton Oldham, OL9 8NP United Kingdom Telephone (44) 161 622 4444 Fax: (44) 161 622 4446 hq@zetex.com
These offices are supported by agents and distributors in major countries world-wide. This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service. For the latest product information, log on to
www.zetex.com ISSUE 2 - MARCH 2004
SEMICONDUCTORS
4


▲Up To Search▲   

 
Price & Availability of ZMZ20M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X